Part Number Hot Search : 
BAV21 25160 2SD401 36430 78L08A M600H ATF15 GB4571
Product Description
Full Text Search
 

To Download IPC100N04S5-2R8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IPC100N04S5-2R8 optimos ? -5 power-transistor features ? optimos? - power mosfet for automotive applications ? n-channel - enhancement mode - normal level ? aec q101 qualified ? msl1 up to 260c peak reflow ? 175c operating temperature ? green product (rohs compliant) ? 100% avalanche tested maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current 1) i d t c =25c, v gs =10v 100 a t c =100c, v gs =10v 2) 85 pulsed drain current 2) i d,pulse t c =25c 400 avalanche energy, single pulse 2) e as i d =50a 66 mj avalanche current, single pulse 4) i as - 100 a gate source voltage v gs - 20 v power dissipation p tot t c =25c 75 w operating and storage temperature t j , t s tg - -55 ... +175 c value v ds 40 v r ds(on),max 2.8 m w i d 100 a product summary type package marking IPC100N04S5-2R8 pg -tdson-8- 33 5n042r8 1 1 pg -tdson-8- 33 rev. 1.0 page 1 2016-12-06
IPC100N04S5-2R8 parameter symbol conditions unit min. typ. max. thermal characteristics 2) thermal resistance, junction - case r thjc - - - 2 k/w thermal resistance, junction - ambient r thja 6 cm 2 cooling area 3) - - 50 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0v, i d = 1ma 40 - - v gate threshold voltage v gs(th) v ds = v gs , i d =30a 2.2 2.8 3.4 zero gate voltage drain current i dss v ds =40v, v gs =0v, t j =25c - - 1 a v ds =40v, v gs =0v, t j =125c 2) - - 100 gate-source leakage current i gss v gs =20v, v ds =0v - - 100 na drain-source on-state resistance r ds(on) v gs =7v, i d =50a - 2.8 3.4 m w v gs =10v, i d =50a - 2.3 2.8 values rev. 1.0 page 2 2016-12-06
IPC100N04S5-2R8 parameter symbol conditions unit min. typ. max. dynamic characteristics 2) input capacitance c iss - 2000 2600 pf output capacitance c oss - 550 730 reverse transfer capacitance c rss - 30 45 turn-on delay time t d(on) - 6 - ns rise time t r - 3 - turn-off delay time t d(off) - 11 - fall time t f - 6 - gate charge characteristics 2) gate to source charge q gs - 9 12 nc gate to drain charge q gd - 7.6 11.4 gate charge total q g - 34 45 gate plateau voltage v plateau - 4.8 - v reverse diode diode continous forward current 2) i s - - 100 a diode pulse current 2) i s,pulse - - 400 diode forward voltage v sd v gs =0v, i f =50a, t j =25c - 0.8 1.1 v reverse recovery time 2) t rr v r =20v, i f =50a, d i f /d t =100a/s - 45 - ns reverse recovery charge 2) q rr - 35 - nc 4) the device is tested in production with an avalanche current of 85 a. 3) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. 1) current is limited by package; with an r thjc = 2 k/w the chip is able to carry 120a at 25c. t c =25c 2) the parameter is not subject to production test- verified by design/characterization. values v gs =0v, v ds =25v, f =1mhz v dd =20v, v gs =10v, i d =100a, r g,ext =3.5 w v dd =32v, i d =100a, v gs =0 to 10v rev. 1.0 page 3 2016-12-06
IPC100N04S5-2R8 1 power dissipation 2 drain current p tot = f( t c ); v gs = 10 v i d = f( t c ); v gs = 10 v 3 safe operating area 4 max. transient thermal impedance i d = f( v ds ); t c = 25 c; d = 0 z thjc = f( t p ) parameter: t p parameter: d = t p / t single pulse 0.01 0.05 0.1 0.5 10 - 6 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 10 0 10 - 3 10 - 2 10 - 1 10 0 10 1 z thjc [k/w] t p [s] 0.1 1 s 10 s 100 s 150 s 1 10 100 1000 0.1 1 10 100 i d [a] v ds [v] 0 10 20 30 40 50 60 70 80 0 50 100 150 200 p tot [w] t c [ c] 0 10 20 30 40 50 60 70 80 90 100 110 0 50 100 150 200 i d [a] t c [ c] rev. 1.0 page 4 2016-12-06
IPC100N04S5-2R8 5 typ. output characteristics 6 typ. drain-source on-state resistance i d = f( v ds ); t j = 25 c r ds(on) = f( i d ); t j = 25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. drain-source on-state resistance i d = f( v gs ); v ds = 6v r ds(on) = f( t j ); i d = 50 a; v gs = 10 v parameter: t j 1 2 3 4 5 -60 -20 20 60 100 140 180 r ds(on) [m w ] t j [ c] 4.5 v 5 v 5.5 v 7 v 10 v 0 50 100 150 200 250 300 350 400 0 1 2 3 i d [a] v ds [v] 4.5 v 5 v 5.5 v 7 v 10 v 0 2 4 6 8 10 12 0 100 200 300 400 r ds(on) [m ? ] i d [a] - 55 c 25 c 175 c 0 50 100 150 200 250 300 350 400 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 i d [a] v gs [v] rev. 1.0 page 5 2016-12-06
IPC100N04S5-2R8 9 typ. gate threshold voltage 10 typ. capacitances v gs(th) = f( t j ); v gs = v ds c = f( v ds ); v gs = 0 v; f = 1 mhz parameter: i d 11 typical forward diode characteristics 12 avalanche characteristics if = f(v sd ) i a s = f( t av ) parameter: t j parameter: t j(start) 25 c 175 c 10 0 10 1 10 2 10 3 0 0.2 0.4 0.6 0.8 1 1.2 1.4 i f [a] v sd [v] 30 a 300 a 0 0.5 1 1.5 2 2.5 3 3.5 4 -60 -20 20 60 100 140 180 v gs(th) [v] t j [ c] ciss coss crss 10 2 10 3 10 4 0 10 20 30 c [pf] v ds [v] 10 1 25 c 100 c 150 c 1 10 100 1000 1 10 100 1000 i av [a] t av [s] 25 c 175 c 10 0 10 1 10 2 10 3 0 0.4 0.8 1.2 i f [a] v sd [v] rev. 1.0 page 6 2016-12-06
IPC100N04S5-2R8 13 avalanche energy 14 drain-source breakdown voltage e as = f( t j ) v br(dss) = f( t j ); i d = 1 ma 15 typ. gate charge 16 gate charge waveforms v gs = f( q gate ); i d = 100 a pulsed parameter: v dd 36 38 40 42 44 46 -60 -20 20 60 100 140 180 v br(dss) [v] t j [ c] 8 v 32 v 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 v gs [v] q gate [nc] 100 a 50 a 25 a 0 25 50 75 100 125 150 25 75 125 175 e as [mj] t j [ c] rev. 1.0 page 7 2016-12-06 v gs q g at e v g s( t h ) q g ( t h ) q gs q gd q sw q g
IPC100N04S5-2R8 published by infineon technologies ag 81726 munich, germany ? infineon technologies ag 2016 all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. rev. 1.0 page 8 2016-12-06
IPC100N04S5-2R8 revision history version revision 1.0 changes final data sheet 06.12.2016 date rev. 1.0 page 9 2016-12-06


▲Up To Search▲   

 
Price & Availability of IPC100N04S5-2R8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X